Part Number Hot Search : 
1414C 68600 2MBI3 SSFP5N65 SK893 6N136 478M00 2MBI3
Product Description
Full Text Search
 

To Download IDT74FST163232 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FST163232 16-BIT SYNCHRONOUS 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
16-BIT SYNCHRONOUS 2:1 MUX/DEMUX SWITCH
IDT74FST163232
FEATURES:
* * * *
Bus switches provide zero delay paths Low switch on-resistance TTL-compatible input and output levels ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * Hot insertion capability * Very low power dissipation * Available in SSOP and TSSOP packages
DESCRIPTION:
The FST163232 belong to IDT's family of Bus switches. Bus switch devices perform the function of connecting or isolating two ports without providing any inherent current sink or source capability. Thus they generate little or no noise of their own while providing a low resistance path for an external driver. These devices connect input and output ports through an n-channel FET. When the gate-to-source junction of this FET is adequately forward-biased the device conducts and the resistance between input and output ports is small. Without adequate bias on the gateto-source junction of the FET, the FET is turned off, therefore with no VCC applied, the device has hot insertion capability. The low on-resistance and simplicity of the connection between input and output ports reduces the delay in this path to close to zero. The FST163232 provides three 16-bit TTL- compatible ports that support 2:1 multiplexing. The S0,1 pins control mux select and switch enable/disable. The S0,1 inputs are synchronous and clocked on the rising edge of CLK when CLKEN is low. Port A can be connected to port B1 or port B2 or both ports B1 and B2.
FUNCTIONAL BLOCK DIAGRAM
CLKEN CLK S0 D CE CLK
S1
D CE CLK 1A One of 16 Channels
1B 1
1B 2
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 2002 Integrated Device Technology, Inc.
MAY 2002
DSC-5518/1
IDT74FST163232 16-BIT SYNCHRONOUS 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1A
2B1 2B2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Terminal Voltage with Respect to GND Storage Temperature Maximum Continuous Channel Current Max -0.5 to +7 -65 to +150 128 Unit V C mA
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
1B1 1B2
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
VTERM(2) TSTG IOUT
2A
3B1 3B2
3A
4B1 4B2
4A
5B1 5B2
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. Vcc, Control, and Switch terminals.
5A
6B1 6B2
6A
7B1 7B2
CAPACITANCE(1)
Symbol CIN CI/O Parameter Control Input Capacitance Switch Input/Output Capacitance A Port B Port Switch Off Switch Off Conditions(2) Typ. 6 17 12 Unit pF pF
7A
8B1 8B2
8A GND VCC
9B1 9B2
GND Vcc 9A
10B1 10B2
NOTES: 1. Capacitance is characterized but not tested. 2. TA = 25C, f = 1MHz, VIN = 0V, VOUT = 0V.
PIN DESCRIPTION
Pin Names A1 B1, B2 S0, 1 CLK CLKEN I/O I/O I/O I I I Bus A1 Buses B1, B2 Control Pins Clock Input. Clocks S0, 1 on Rising Edge. Clock Enable Input Description
10A 11B1 11B2 12A
13B1 13B2
11A
12B1 12B2
13A
14B1 14B2
14A
15B1 15B2
15A
16B1 16B2
16A S0 S1
FUNCTION TABLE(1)
S1 X L L H H S0 X L H L H CLK X CLKEN H L L L L Description Last State Disconnect A to B1 and A to B2 A to B1 or B1 to A A to B2 or B2 to A
CLK CLKEN
SSOP/ TSSOP TOP VIEW
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level Z = High-Impedance = LOW-to-HIGH Transition
2
IDT74FST163232 16-BIT SYNCHRONOUS 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%
Symbol VIH VIL IIH IIL IOZH IOZL VIK IOFF ICC Parameter Control Input HIGH Voltage Control Input LOW Voltage Control Input HIGH Current Control Input LOW Current Current During Bus Switch Disconnect Clamp Diode Voltage Switch Power Off Leakage Quiescent Power Supply Current VCC = Min., IIN = -18mA VCC = 0V, VIN or VO 5.5V VCC = Max., VIN = GND or VCC VCC = Max., VO = 0 to 5V Test Conditions(1) Guaranteed Logic HIGH for Control Inputs Guaranteed Logic LOW for Control Inputs VCC = Max. VI = VCC VI = GND Min. 2 -- -- -- -- -- -- -- -- Typ.(2) -- -- -- -- -- -- -0.7 -- 0.1 Max. -- 0.8 1 1 1 1 -1.2 1 3 V A A A Unit V V A
BUS SWITCH IMPEDANCE OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%
Symbol RON IOS Parameter Switch On Resistance(2) Short Circuit Current, A to B(3) Test Conditions Vcc = Min., VIN = 0V, ION = 64mA Vcc = Min., VIN = 0V, ION = 30mA Vcc = Min., VIN = 2.4V, ION = 15mA A(B) = 0V, B(A) = Vcc Min. -- -- -- 100 Typ. 4 4 6 --
(1)
Max. 7 7 15 --
Unit mA
NOTES: 1. Typical values are at Vcc = 5.0V, +25C ambient. 2. The voltage drop between the indicated ports divided by the current through the switch. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
3
IDT74FST163232 16-BIT SYNCHRONOUS 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4,5) VCC = Max. VIN = 3.4V(3) VCC = Max. Clock Pin Toggling 50% Duty Cycle 16 Switches Toggling One Select Toggling at 50% of CLK Frequency VCC = Max. Clock Pin Toggling 50% Duty Cycle 32 Switches Toggling Two Select Pins Toggling at 50% of CLK Frequency VCC = Max. fCP = 10MHz (CLK) 50% Duty Cycle CLKEN = LOW S0 = HIGH or LOW fi = 2.5MHz (S1) 16 Switches Toggling VCC = Max. fCP = 10MHz (CLK) 50% Duty Cycle CLKEN = LOW S1 = HIGH fi = 2.5MHz (S0) 16 MUXes Exchanging VCC = Max. fCP = 10MHz (CLK) 50% Duty Cycle CLKEN = LOW S1 = LOW fi = 2.5MHz (S0) 32 Switches Toggling VIN = VCC VIN = GND Test Conditions(1) Min. -- Typ.(2) 0.5 Max. 1.5 Unit mA A/ MHz/
ICCD
Dynamic Power Supply Current(4,5)
VIN = VCC VIN = GND
A/ MHz/
IC
Total Power Supply Current(6)
VIN = VCC VIN = GND VIN = VCC VIN = 3.4V
mA
VIN = VCC VIN = GND VIN = VCC VIN = 3.4V
VIN = VCC VIN = GND VIN = VCC VIN = 3.4V
NOTES: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. TA = -40C to +85C 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. Switch inputs do not contribute to ICC. 4. This parameter represents the current required to switch the internal capacitance of the control inputs at the specified frequency. Switch inputs generate no significant power supply currents as they transition. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. CPD = ICCD/VCC CPD = Power Dissipation Capacitance 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fiN) ICC = Quiescent Current ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fi = Control Input Frequency N = Number of Control Inputs Toggling at fi
4
IDT74FST163232 16-BIT SYNCHRONOUS 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%
Symbol tPLH tPHL tPZH tPZL tPZH tPZL tPHZ tPLZ tBX tSU tH tSU tH |QCI| |QDCI|
NOTES:
VCC = 5V 10% Description(1) Data Propagation Delay A to B, B to A(2) Switch CONNECT Delay CLK to A-B1 or A-B2 Switch CONNECT Delay CLK to B1-B2 Switch DISCONNECT Delay CLK to A, B Switch EXCHANGE Delay CLK from A-B1(B2) to A-B2(B1) Clock Enable Set-Up Time CLKEN to CLK Clock Enable Hold Time CLKEN after CLK Select Set-Up Time S0, S1 to CLK Select Hold Time S0, S1 after CLK Charge Injection During Switch DISCONNECT CLK to A, B(3) Charge Injection During Switch Exchange CLK to A, B(3) Min. -- 1.5 1.5 1.9 1.8 1.9 1 1.9 1 -- -- Typ. -- -- -- -- -- -- -- -- -- 1.5 0.5 Max. 0.25 5.8 7.9 6.2 6.2 -- -- -- -- -- --
VCC = 4V Min. -- -- -- -- -- 2.2 1.9 2.2 0.5 -- -- Max. 0.25 6.1 8.5 5.8 6.8 -- -- -- -- -- -- Unit ns ns ns ns ns ns ns ns ns pC pC
1. See test circuits and waveforms. 2. The bus switch contributes no Propagation Delay other than the RC Delay of the load interacting with the RC of the switch. 3. |QCI| is the charge injection for a single switch DISCONNECT and applies to either single switches or multiplexers. |QDCI| is the charge injection for a multiplexer as the multiplexed port switches from one path to another. Charge injection is reduced because the injection from the DISCONNECT of the first path is compensated by the CONNECT of the second path.
5
IDT74FST163232 16-BIT SYNCHRONOUS 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
V CC 500 VIN Pulse Generator RT D.U.T. 50pF CL 500 OPPOSITE PHASE INPUT TRANSITION VOUT OUTPUT tPLH tPHL 7.0V SAME PHASE INPUT TRANSITION tPLH tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V
Propagation Delay Test Circuits for All Outputs
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
SWITCH POSITION
Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL SYNCHRONOUS CONTROL
tSU
tH
tREM
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
tSU
tH
Set-up, Hold, and Release Times
VCC ENABLE 1 MHz Signal Generator Enable/Select Switch In Switch In (MUX) (2)
(1)
DISABLE 3V 1.5V
Switch D.U.T. Out
VOUT
(3)
CONTROL INPUT CL = 50pF tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED tPZH 3.5V 1.5V tPHZ 0.3V 1.5V 0V tPLZ
0V 3.5V 0.3V VOL VOH 0V
Charge Injection
NOTES: 1. Select is used with multiplexers for measuring IQDCII during multiplexer select. During all other tests Enable is used. 2. Used with multiplexers to measure IQDCII only. 3. Charge Injection = VOUT CL, with Enable toggling for IQCII or Select toggling for IQDCII. VOUT is the change in VOUT and is measured with a 10M probe.
SWITCH OPEN
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns.
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
1.5V
1.5V
Pulse Width 6
IDT74FST163232 16-BIT SYNCHRONOUS 2:1 MUX/DEMUX SWITCH
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX FST Temp. Range XXX Family XXX Device Type X Package
PV PA
Shrink Small Outline Package Thin Shrink Small Outline Package
232 163 74
16-Bit 2 to 1 Mux/Demux Switch Synchronous
Double-Density Bus Switch -40C to +85C
DATA SHEET DOCUMENT HISTORY
5/24/2002 Removed TVSOP package
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74FST163232

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X